PART |
Description |
Maker |
TR4-SAU03P |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
TR4-SDM10P |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
STR1-SASU10P5 |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
RE11-SAC |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
RE23-SA64 |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
TR4-SFM01C |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
STR1-SASU0AC8 |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
TR4-SAM01C |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
STR1-SAFF0AC8 |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
6025090 TR4-SBM03P |
NON-CONTACT SAFETY SWITCHES
|
SICK AG
|
802-Z1-016-20-001 800-10-016-20-001 800-90-016-20- |
Safety Control Relay; Contacts:4NO; Coil Voltage DC Max:24V; Contact Carry Current:6A; Relay Mounting:Din Rail; Contact Rating:6A 电路板连接器2.54毫米单列/双列焊尾 Safety Control Relay; Contacts:SPST-NO; Coil Voltage DC Max:24V; Contact Carry Current:4A; Relay Mounting:DIN Rail; Contact Rating:250VAC/VDC, 4 AAC/ADC; Height:110mm; Leaded Process Compatible:No; Mounting Type:DIN Rail 电路板连接器2.54毫米单列/双列焊尾 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 3.0 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 3.0 A; Diagnostic: n.a. HITFET, TEMPFET - Smart Low-Side Switches; Package: PG-SOT223-4; Channels: 1.0; VDS (max): 60.0 V; ID(nom): 0.7 A; RDS (on) (max): 550.0 mOhm; ID(lim) (min): 1.0 A PCB connectors 2.54 mm Single row / double row Solder tail
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|